Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 100Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 101Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 102Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 103Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 104Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
101
Operation:
(B) + (X)
⇒ X
Description:
Adds the 8-bit unsigned content of accumulator B to the content of index
register X considering the possible carry out of the low-order byte of X;
places the result in X. The content of B is not changed.
This mnemonic is implemented by the LEAX B,X instruction. The LEAX
instruction allows A, B, D, or a constant to be added to X. For compatibility
with the M68HC11, the mnemonic ABX is translated into the LEAX B,X
instruction by the assembler.
ABX
Add Accumulator B to Index Register X
ABX
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
ABX
translates to... LEAX B,X
IDX
1A E5
Pf
PP
(1)
1. Due to internal M68HC12 CPU requirements, the program word fetch is performed twice to the same address during this
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com