Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 233 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 233 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 229Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 230Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 231Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 232Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 233Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 234Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 235Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 236Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
233
Operation:
Grade of Membership
⇒ M(Y)
(Y) + $0001
⇒ Y
(X) + $0004
⇒ X
Description:
Before executing MEM, initialize A, X, and Y. Load A with the current crisp
value of a system input variable. Load Y with the fuzzy input RAM location
where the grade of membership is to be stored. Load X with the first address
of a 4-byte data structure that describes a trapezoidal membership function.
The data structure consists of:
• Point_1 — The x-axis starting point for the leading side (at MX)
• Point_2 — The x-axis position of the rightmost point (at MX+1)
• Slope_1 — The slope of the leading side (at MX+2)
• Slope_2 — The slope of the trailing side (at MX+3); the right side
slopes up and to the left from point_2
A slope_1 or slope_2 value of $00 is a special case in which the
membership function either starts with a grade of $FF at input = point_1, or
ends with a grade of $FF at input = point_2 (infinite slope).
During execution, the value of A remains unchanged. X is incremented by
four and Y is incremented by one.
H, N, Z, V, and C may be altered by this instruction.
MEM
Determine Grade of Membership
(Fuzzy Logic)
MEM
CCR Details:
S
X
HIN
Z
V
C
––
?
–
????
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
MEM
Special
01
RRfOw
RRfOw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com