Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 241Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 242Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 243Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 244Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 245Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 246Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 247Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 248Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
245
Operation:
(CCR)
+ (M) ⇒ CCR
Description:
Performs bitwise logical inclusive OR between the content of memory
location M and the content of the CCR and places the result in the CCR.
Each bit of the CCR after the operation is the logical OR of the
corresponding bits of M and of CCR before the operation. To set one or
more bits, set the corresponding bit of the mask equal to 1. Bits
corresponding to 0s in the mask are not changed by the ORCC operation.
Condition code bits are set if the corresponding bit was 1 before the
operation or if the corresponding bit in the instruction-provided mask is 1.
The X interrupt mask cannot be set by any software instruction.
ORCC
Logical OR CCR with Mask
ORCC
CCR Details:
S
X
HIN
Z
V
C
⇑
–
⇑⇑⇑⇑⇑⇑
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
ORCC #opr8i
IMM
14 ii
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com