Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 270 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 270 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 266Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 267Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 268Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 269Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 270Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 271Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 272Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 273Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
270
Freescale Semiconductor
Operation:
(M(SP)) ⇒ CCR; (SP) + $0001 ⇒ SP
(M(SP) : M(SP+1)) ⇒ B : A; (SP) + $0002 ⇒ SP
(M(SP) : M(SP+1)) ⇒ XH : XL; (SP) + $0004 ⇒ SP
(M(SP) : M(SP+1)) ⇒ PCH : PCL; (SP) – $0002 ⇒ SP
(M(SP) : M(SP+1)) ⇒ YH : YL; (SP) + $0004 ⇒ SP
Description:
Restores system context after interrupt service processing is completed.
The condition codes, accumulators B and A, index register X, the PC, and
index register Y are restored to a state pulled from the stack. The X mask
bit may be cleared as a result of an RTI instruction, but cannot be set if it
was cleared prior to execution of the RTI instruction.
If another interrupt is pending when RTI has finished restoring registers from
the stack, the SP is adjusted to preserve stack content, and the new vector
is fetched. This operation is functionally identical to the same operation in
the M68HC11, where registers actually are re-stacked, but is faster.
Condition codes take on the value pulled from the stack, except that the X
mask bit cannot change from 0 to 1. Software can leave the X bit set, leave
it cleared, or change it from 1 to 0, but it can be set only by a reset or by
recognition of an XIRQ interrupt.
RTI
Return from Interrupt
RTI
CCR Details:
S
X
HIN
Z
V
C
∆⇓∆∆∆∆∆∆
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
RTI
(with interrupt pending)
INH
0B
uUUUUPPP
uUUUUfVfPPP
uUUUUPPP
uUUUUVfPPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com