Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 275Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 276Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 277Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 278Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 279Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 280Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 281Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 282Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
279
Operation:
(A)
⇒ M
Description:
Stores the content of accumulator A in memory location M. The content of
A is unchanged.
STAA
Store Accumulator A
STAA
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆
0
–
N: Set if MSB of result is set; cleared otherwise
Z: Set if result is $00; cleared otherwise
V: 0; cleared
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
STAA opr8a
STAA opr16a
STAA oprx0_xysp
STAA oprx9,xysp
STAA oprx16,xysp
STAA [D,xysp]
STAA [oprx16,xysp]
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
5A dd
7A hh ll
6A xb
6A xb ff
6A xb ee ff
6A xb
6A xb ee ff
Pw
PwO
Pw
PwO
PwP
PIfw
PIPw
Pw
wOP
Pw
PwO
PwP
PIfPw
PIPPw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com