Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 153Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 154Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 155Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 156Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 157Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 158Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 159Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 160Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
157
Operation:
(A : B) – (M : M + 1)
Description:
Compares the content of double accumulator D with a 16-bit value at the
address specified and sets the condition codes accordingly. The compare is
accomplished internally by a 16-bit subtract of (M : M + 1) from D without
modifying either D or (M : M + 1).
CPD
Compare Double Accumulator
CPD
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Z: Set if result is $0000; cleared otherwise
V: D15
• M15 • R15 + D15 • M15 • R15
Set if two’s complement overflow resulted from the operation;
cleared otherwise
C: D15
• M15 + M15 • R15 + R15 • D15
Set if the absolute value of the content of memory is larger than the
absolute value of the accumulator; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
CPD #opr16i
CPD opr8a
CPD opr16a
CPD oprx0_xysp
CPD oprx9,xysp
CPD oprx16,xysp
CPD [D,xysp]
CPD [oprx16,xysp]
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
8C jj kk
9C dd
BC hh ll
AC xb
AC xb ff
AC xb ee ff
AC xb
AC xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com