Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 158Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 159Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 160Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 161Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 162Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 163Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 164Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 165Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
162
Freescale Semiconductor
Operation:
(Counter) – 1
⇒ Counter
If (Counter) = 0, then (PC)
+ $0003 + Rel ⇒ PC
Description:
Subtract one from the specified counter register A, B, D, X, Y, or SP. If the
counter register has reached zero, execute a branch to the specified relative
destination. The DBEQ instruction is encoded into three bytes of machine
code including the 9-bit relative offset (–256 to
+255 locations from the start
of the next instruction).
IBEQ and TBEQ instructions are similar to DBEQ except that the counter is
incremented or tested rather than being decremented. Bits 7 and 6 of the
instruction postbyte are used to determine which operation is to be
performed.
DBEQ
Decrement and Branch if Equal to Zero
DBEQ
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code(1)
Access Detail
HCS12
M68HC12
DBEQ abdxys, rel9
REL
04 lb rr
PPP/PPO
PPP
1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero
(DBEQ – 0) or not zero (DBNE – 1) versions, and bit 4 is the sign bit of the 9-bit relative offset. Bits 7 and 6 would be 0:0
for DBEQ.
Count
Register
Bits 2:0
Source Form
Object Code
(If Offset is Positive)
Object Code
(If Offset is Negative)
A
B
000
001
DBEQ A, rel9
DBEQ B, rel9
04 00 rr
04 01 rr
04 10 rr
04 11 rr
D
X
Y
SP
100
101
110
111
DBEQ D, rel9
DBEQ X, rel9
DBEQ Y, rel9
DBEQ SP, rel9
04 04 rr
04 05 rr
04 06 rr
04 07 rr
04 14 rr
04 15 rr
04 16 rr
04 17 rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com