Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 31Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 32Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 33Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 34Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 35Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 36Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 37Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 38Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 35 of 106
7.1.4.2
Component Catalog
Figure 7-3. Component Catalog
The component catalog is a repository of reusable design
elements that select device functionality and customize your
PSoC device. It is populated with an impressive selection of
content; from simple primitives such as logic gates and device
registers, through the digital timers, counters and PWMs, plus
analog components such as ADC, DACs, and filters, and
communication protocols, such as I2C, USB and CAN. See
“Example Peripherals” section on page 32 for more details about
available peripherals. All content is fully characterized and
carefully documented in data sheets with code examples, AC/DC
specifications, and user code ready APIs.
7.1.4.3
Design Reuse
The symbol editor gives you the ability to develop reusable
components that can significantly reduce future design time. Just
draw a symbol and associate that symbol with your proven
design. PSoC Creator allows for the placement of the new
symbol anywhere in the component catalog along with the
content provided by Cypress. You can then reuse your content
as many times as you want, and in any number of projects,
without ever having to revisit the details of the implementation.
7.1.4.4
Software Development
Figure 7-4. Code Editor
Anchoring the tool is a modern, highly customizable user
interface. It includes project management and integrated editors
for C and assembler source code, as well the design entry tools.
Project build control leverages compiler technology from top
commercial vendors such as ARM® Limited, Keil™, and
CodeSourcery (GNU). Free versions of Keil C51 and GNU C
Compiler (GCC) for ARM, with no restrictions on code size or end
product distribution, are included with the tool distribution.
Upgrading to more optimizing compilers is a snap with support
for the professional Keil C51 product and ARM RealView™
compiler.
7.1.4.5
Nonintrusive Debugging
Figure 7-5. PSoC Creator Debugger
With SWD debug connectivity available on all devices, the PSoC
Creator debugger offers full control over the target device with
minimum intrusion. Breakpoints and code execution commands
are all readily available from toolbar buttons and an impressive
lineup of windows—register, locals, watch, call stack, memory
and peripherals—make for an unparalleled level of visibility into
the system.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com