Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 70Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 71Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 72Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 73Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 74Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 75Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 76Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 77Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 74 of 106
11.5.3 SAR ADC
11.5.4 Analog Globals
Table 11-21. SAR ADC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
12
bits
Number of channels – single-ended
No of
GPIO
Number of channels – differential
Differential pair is formed using a
pair of neighboring GPIO.
––
No of
GPIO/2
Monotonicity[26]
Yes
Ge
Gain error
±0.1
%
VOS
Input offset voltage
±0.2
mV
IDD
Current consumption
1
mA
Input voltage range –
single-ended[26]
VSSA
–VDDA
V
Input voltage range – differential[26]
VSSA
–VDDA
V
PSRR
Power supply rejection ratio[26]
70
dB
CMRR
Common mode rejection ratio
35
dB
INL
Integral non linearity[26]
Internal reference
±
2LSB
DNL
Differential non linearity[26]
Internal reference
±
2LSB
RIN
Input resistance[26]
–TBD
K
Ω
Table 11-22. SAR ADC AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Sample rate[26]
770
ksps
Startup time[26]
10
µs
SINAD
Signal-to-noise ratio[26]
44
dB
THD
Total harmonic distortion[26]
0.02
%
Table 11-23. Analog Globals AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rppag
Resistance pin-to-pin through
analog global
VDDA = 3.0 V
939
1461
Ω
Rppmuxbus
Resistance pin-to-pin through
analog mux bus
VDDA = 3.0 V
721
1135
Ω
Note
26. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com