Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 58Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 60Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 64Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 65Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 62 of 106
11.3.3 Inductive Boost Regulator.
Table 11-6. Inductive Boost Regulator DC Specifications
Unless otherwise specified, operating conditions are: VBAT = 2.4 V, VOUT = 3.3 V, IOUT = 40 mA, FSW = 400 kHz, LBOOST = 10 µH,
CBOOST = 22 µF || 0.1 µF
Parameter
Description
Conditions
Min
Typ
Max
Units
VBAT
Input voltage
Includes startup
1.8
3.6
V
IOUT
Load current[15, 16]
VBAT = 1.8 – 3.6 V, VOUT = 3.6 – 5.0 V,
external diode
––
50
mA
VBAT = 1.8 – 3.6 V, VOUT = 2.7 – 3.6 V,
internal diode
––
75
mA
ILPK
Inductor peak current
700
mA
IQ
Quiescent current
Boost active mode
200
µA
Boost standby mode, 32 khz external crystal
oscillator, IOUT < 1 µA
–12
µA
VOUT
Boost voltage range[17, 18]
3.0 V
2.85
3.00
3.15
V
3.3 V
3.14
3.30
3.47
V
3.6 V
3.42
3.60
3.78
V
5.0 V
External diode required
4.75
5.00
5.25
V
RegLOAD
Load regulation
3.8
%
RegLINE
Line regulation
4.1
%
η
Efficiency
LBOOST = 10 µH
70
85
%
LBOOST = 22 µH
82
90
%
Notes
15. For output voltages above 3.6 V, an external diode is required.
16. Maximum output current applies for output voltages
≤ 4x input voltage.
17. Based on device characterization (Not production tested).
18. At boost frequency of 2 MHz, VOUT is limited to 2 x VBAT. At 400 kHz, VOUT is limited to 4 x VBAT.
Table 11-7. Inductive Boost Regulator AC Specifications
Unless otherwise specified, operating conditions are: VBAT = 2.4 V, VOUT = 3.3 V, IOUT = 40 mA, FSW = 400 kHz, LBOOST = 10 µH,
CBOOST = 22 µF || 0.1 µF.
Parameter
Description
Conditions
Min
Typ
Max
Units
VRIPPLE
Ripple voltage
(peak-to-peak)
FSW = 400 kHz, IOUT = 10 mA
100
mV
FSW
Switching frequency
0.1, 0.4,
or 2
MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com