Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 90Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 91Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 92Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 93Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 94Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 95Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 96Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 97Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 94 of 106
11.9 Clocking
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted. Unless otherwise specified, all charts and graphs show typical values.
11.9.1 32 kHz External Crystal
11.9.2 Internal Main Oscillator)
Note
37. Based on device characterization (Not production tested).
Table 11-65. 32 kHz External Crystal DC Specifications[37]
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
Operating current
Low power mode
0.25
1.0
µA
CL
External crystal capacitance
6
pF
DL
Drive level
1
µW
Table 11-66. 32 kHz External Crystal AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
F
Frequency
32.768
kHz
TON
Startup time
High power mode
1
s
Table 11-67. IMO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Supply current
62.6 MHz
600
µA
48 MHz
500
µA
24 MHz
300
µA
12 MHz
200
µA
6 MHz
180
µA
3 MHz
150
µA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com