Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 41Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 42Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 43Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 44Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 45Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 46Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 47Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 48Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 45 of 106
8. Analog Subsystem
The analog programmable system creates application specific
combinations of both standard and advanced analog signal
processing blocks. These blocks are then interconnected to
each other and also to any pin on the device, providing a high
level of design flexibility and IP security. The features of the
analog subsystem are outlined here to provide an overview of
capabilities and architecture.
Flexible, configurable analog routing architecture provided by
analog globals, analog mux bus, and analog local buses
Successive approximation (SAR) ADC
Two 8-bit DACs that provide either voltage or current output
Four comparators with optional connection to configurable LUT
outputs
Two configurable switched capacitor/continuos time (SC/CT)
blocks for functions that include opamp, unity gain buffer,
programmable gain amplifier, transimpedance amplifier, and
mixer
Two opamps for internal use and connection to GPIO that can
be used as high current output buffers
CapSense subsystem to enable capacitive touch sensing
Precision reference for generating an accurate analog voltage
for internal analog blocks
Figure 8-1. Analog Subsystem Block Diagram
The PSoC Creator software program provides a user friendly
interface to configure the analog connections between the GPIO
and various analog resources and also connections from one
analog resource to another. PSoC Creator also provides
component libraries that allow you to configure the various
analog blocks to perform application specific functions (PGA,
transimpedance amplifier, voltage DAC, current DAC, and so
on). The tool also generates API interface libraries that allow you
to write firmware that allows the communication between the
analog peripheral and CPU/Memory.
A nalog
In te rfa c e
CM P
CM P
CM P
CM P
C a p S en se S u b syste m
DS I
A rra y
Clo c k
D istribu tion
De cim a to r
C onfig &
S tatus
R egisters
PH U B
CP U
C o m parators
GP IO
Po rt
GP IO
Po rt
DA C
DA C
A
N
A
L
O
G
R
O
U
T
I
N
G
A
N
A
L
O
G
R
O
U
T
I
N
G
SC /C T Blo c k
SC/C T Blo c k
SAR
AD C
P recision
R e fe rence
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com