Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 36Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 37Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 38Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 39Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 40Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 41Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 42Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 43Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 40 of 106
Figure 7-13. Digital System Interconnect
Interrupt and DMA routing is very flexible in the CY8C53
programmable architecture. In addition to the numerous fixed
function peripherals that can generate interrupt requests, any
data signal in the UDB array routing can also be used to generate
a
request.
A
single
peripheral
may
generate
multiple
independent interrupt requests simplifying system and firmware
design. Figure 7-14 shows the structure of the IDMUX
(Interrupt/DMA Multiplexer).
Figure 7-14. Interrupt and DMA Processing in the IDMUX
7.4.1 I/O Port Routing
There are a total of 20 DSI routes to a typical 8-bit I/O port, 16
for data and four for drive strength control.
When an I/O pin is connected to the routing, there are two
primary connections available, an input and an output. In
conjunction with drive strength control, this can implement a
bidirectional I/O pin. A data output signal has the option to be
single synchronized (pipelined) and a data input signal has the
option to be double synchronized. The synchronization clock is
the system clock (see Figure 6-1). Normally all inputs from pins
are synchronized as this is required if the CPU interacts with the
signal or any signal derived from it. Asynchronous inputs have
rare uses. An example of this is a feed through of combinational
PLD logic from input pins to output pins.
Figure 7-15. I/O Pin Synchronization Routing
Figure 7-16. I/O Pin Output Connectivity
There are four more DSI connections to a given I/O port to
implement dynamic output enable control of pins. This
connectivity gives a range of options, from fully ganged 8-bits
controlled by one signal, to up to four individually controlled pins.
The output enable signal is useful for creating tri-state
bidirectional pins and buses.
UDB ARRAY
Digital System Routing I/F
Digital System Routing I/F
CAN
Interrupt
Controller
I2C
IO Port
Pins
DMA
Controller
IO Port
Pins
Del-Sig
Comparators
DACs
SC/CT
Blocks
Global
Clocks
Global
Clocks
Timer
Counters
DMA termout (IRQs)
DMA
Controller
Interrupt
Controller
Fixed Function IRQs
Edge
Detect
Edge
Detect
IRQs
UDB Array
Fixed Function DRQs
DRQs
Interrupt and DMA Processing in IDMUX
0
1
2
3
0
1
2
DO
DI
Port i
PIN 0
DO
PIN1
DO
PIN2
DO
PIN3
DO
PIN4
DO
PIN5
DO
PIN6
DO
PIN7
DO
8 IO Data Output Connections from the
UDB Array Digital System Interface
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com