Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 28Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 29Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 30Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 31Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 32Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 33Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 34Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 35Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 32 of 106
6.4.18 Special Pin Functionality
Some pins on the device include additional special functionality
in addition to their GPIO or SIO functionality. The specific special
function pins are listed in “Pinouts” on page 5. The special
features are:
Digital
4 to 25 MHz crystal oscillator
32.768 KHz crystal oscillator
SWD and SWV interface pins
External reset
Analog
Opamp inputs and outputs
High current IDAC outputs
External reference inputs
7. Digital Subsystem
The digital programmable system creates application specific
combinations of both standard and advanced digital peripherals
and custom logic functions. These peripherals and logic are then
interconnected to each other and to any pin on the device,
providing a high level of design flexibility and IP security.
The features of the digital programmable system are outlined
here to provide an overview of capabilities and architecture.
Designers do not need to interact directly with the programmable
digital system at the hardware and register level. PSoC Creator
provides a high level schematic capture graphical interface to
automatically place and route resources similar to PLDs.
The main components of the digital programmable system are:
Universal Digital Blocks (UDB) - These form the core
functionality of the digital programmable system. UDBs are a
collection of uncommitted logic (PLD) and structural logic
(Datapath) optimized to create all common embedded
peripherals and customized functionality that are application or
design specific.
Universal Digital Block Array - UDB blocks are arrayed within
a matrix of programmable interconnect. The UDB array
structure is homogeneous and allows for flexible mapping of
digital functions onto the array. The array supports extensive
and flexible routing interconnects between UDBs and the
Digital System Interconnect.
Digital System Interconnect (DSI) - Digital signals from UDBs,
fixed function peripherals, I/O pins, interrupts, DMA, and other
system core signals are attached to the Digital System
Interconnect to implement full featured device connectivity. The
DSI allows any digital function to any pin or other feature
routability when used with the Universal Digital Block Array.
Figure 7-1. CY8C53 Digital Programmable Architecture
7.1 Example Peripherals
The flexibility of the CY8C53 family’s UDBs and analog blocks
allow the user to create a wide range of components
(peripherals). The most common peripherals were built and
characterized by Cypress and are shown in the PSoC Creator
component catalog, however, users may also create their own
custom components using PSoC Creator. Using PSoC Creator,
users may also create their own components for reuse within
their organization, for example sensor interfaces, proprietary
algorithms, and display interfaces.
The number of components available through PSoC Creator is
too numerous to list in the data sheet, and the list is always
growing. An example of a component available for use in
CY8C53 family, but, not explicitly called out in this data sheet is
the UART component.
Digital Core System
and Fixed Function Peripherals
DSI Routing Interface
DSI Routing Interface
Digital Core System
and Fixed Function Peripherals
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com