Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 72Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 73Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 74Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 75Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 76Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 77Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 78Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 79Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 76 of 106
11.5.6 Current Digital-to-analog Converter (IDAC)
See the IDAC component data sheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
Table 11-26. IDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
8
bits
IOUT
Output current at code = 255
Range = 2.04 mA, code = 255,
Rload = 600 Ω
2.04
mA
Range = 255 µA, code = 255, Rload
= 600
Ω
255
µA
Range = 31.875 µA, code = 255,
Rload = 600
Ω
31.875
µA
Monotonicity
Yes
Ezs
Zero scale error
0
±2.5
LSB
Eg
Gain error
±5
%
TC_Eg
Temperature coefficient of gain
error
Range = 2.04 mA
0.04
% / °C
Range = 255 µA
0.04
% / °C
Range = 31.875 µA
0.05
% / °C
INL
Integral nonlinearity
Range = 255 µA, Codes 8 – 255,
Rload = 600
Ω, Cload = 15 pF
±3
LSB
DNL
Differential nonlinearity,
non-monotonic
Range = 255 µA, Rload = 600
Ω,
Cload = 15 pF
±1.6
LSB
Vcompliance
Dropout voltage, source or sink
mode
Voltage headroom at max current,
Rload to Vdda or Rload to Vssa,
Vdiff from Vdda
1
V
Note
29. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com