Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 83Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 84Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 85Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 86Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 87Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 88Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 89Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 90Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 87 of 106
11.6 Digital Peripherals
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted.
11.6.1 Timer
The following specifications apply to the Timer/Counter/PWM peripheral in timer mode. Timers can also be implemented in UDBs; for
more information, see the Timer component data sheet in PSoC Creator.
11.6.2 Counter
The following specifications apply to the Timer/Counter/PWM peripheral, in counter mode. Counters can also be implemented in
UDBs; for more information, see the Counter component data sheet in PSoC Creator.
Table 11-39. Timer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit timer, at listed input clock
frequency
µA
3 MHz
15
µA
12 MHz
60
µA
48 MHz
260
µA
67 MHz
350
µA
Table 11-40. Timer AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
67.01
MHz
Capture pulse width (Internal)
13
ns
Capture pulse width (external)
30
ns
Timer resolution
13
ns
Enable pulse width
13
ns
Enable pulse width (external)
30
ns
Reset pulse width
13
ns
Reset pulse width (external)
30
ns
Table 11-41. Counter DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit counter, at listed input clock
frequency
µA
3 MHz
15
µA
12 MHz
60
µA
48 MHz
260
µA
67 MHz
350
µA
Table 11-42. Counter AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
67.01
MHz
Capture pulse
13
ns
Resolution
13
ns
Pulse width
13
ns
Pulse width (external)
30
ns
Enable pulse width
13
ns
Enable pulse width (external)
30
ns
Reset pulse width
13
ns
Reset pulse width (external)
30
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com