Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 12Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 13Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 14Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 15Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 16Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 17Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 18Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 19Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 16 of 106
5. Memory
5.1 Static RAM
CY8C53 static RAM (SRAM) is used for temporary data storage.
Code can be executed at full speed from the portion of SRAM
that is located in the code space. This process is slower from
SRAM above 0x20000000. The device provides up to 64 KB of
SRAM. The CPU or the DMA controller can access all of SRAM.
The SRAM can be accessed simultaneously by the Cortex-M3
CPU and the DMA controller if accessing different 32-KB blocks.
5.2 Flash Program Memory
Flash memory in PSoC devices provides nonvolatile storage for
user firmware, user configuration data and bulk data storage.
The main flash memory area contains up to 256 KB of user
program space.
Up to an additional 32 KB of flash space is available for storing
device configuration data and bulk user data. User code may not
be run out of this flash memory section. The flash output is 9
bytes wide with 8 bytes of data and 1 additional byte.
The CPU or DMA controller read both user code and bulk data
located in flash through the cache controller. This provides
higher CPU performance. Flash programming is performed
through a special interface and preempts code execution out of
flash. Code execution out of cache may continue during flash
programming as long as that code is contained inside the cache.
The flash programming interface performs flash erasing,
programming and setting code protection levels. Flash In
System Serial Programming (ISSP), typically used for production
programming, is possible through the SWD interface. In-system
programming, typically used for bootloaders, is also possible
using serial interfaces such as I2C, USB, UART, and SPI, or any
communications protocol.
5.3 Flash Security
All PSoC devices include a flexible flash protection model that
prevents access and visibility to on-chip flash memory. This
prevents duplication or reverse engineering of proprietary code.
Flash memory is organized in blocks, where each block contains
256 bytes of program or data and 32 bytes of configuration or
general-purpose data.
The device offers the ability to assign one of four protection
levels to each row of flash. Table 5-1 lists the protection modes
available. Flash protection levels can only be changed by
performing a complete flash erase. The Full Protection and Field
Upgrade settings disable external access (through a debugging
tool such as PSoC Creator, for example). If your application
requires code update through a boot loader, then use the Field
Upgrade setting. Use the Unprotected setting only when no
security is needed in your application. The PSoC device also
offers an advanced security feature called Device Security which
permanently disables all test, programming, and debug ports,
protecting your application from external access (see the
“Device Security” section on page 56). For more information on
how to take full advantage of the security features in PSoC, see
the PSoC 5 TRM.
Disclaimer
Note the following details of the flash code protection features on
Cypress devices.
Cypress products meet the specifications contained in their
particular Cypress data sheets. Cypress believes that its family
of products is one of the most secure families of its kind on the
market today, regardless of how they are used. There may be
methods, unknown to Cypress, that can breach the code
protection features. Any of these methods, to our knowledge,
would be dishonest and possibly illegal. Neither Cypress nor any
other semiconductor manufacturer can guarantee the security of
their code. Code protection does not mean that we are
guaranteeing the product as “unbreakable.”
Cypress is willing to work with the customer who is concerned
about the integrity of their code. Code protection is constantly
evolving. We at Cypress are committed to continuously
improving the code protection features of our products.
5.4 EEPROM
PSoC EEPROM memory is a byte addressable nonvolatile
memory. The CY8C53 has 2 KB of EEPROM memory to store
user data. Reads from EEPROM are random access at the byte
level. Reads are done directly; writes are done by sending write
commands to an EEPROM programming interface. CPU code
execution can continue from flash during EEPROM writes.
EEPROM is erasable and writeable at the row level. The
EEPROM is divided into two sections, each containing 64 rows
of 16 bytes each.
The CPU cannot execute out of EEPROM.
Table 5-1. Flash Protection
Protection
Setting
Allowed
Not Allowed
Unprotected
External read and write
+ internal read and write
Factory
Upgrade
External write + internal
read and write
External read
Field Upgrade
Internal read and write
External read and
write
Full Protection Internal read
External read and
write + internal write
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com