Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 29Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 30Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 31Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 32Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 33Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 34Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 35Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 36Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 33 of 106
7.1.1 Example Digital Components
The following is a sample of the digital components available in
PSoC Creator for the CY8C53 family. The exact amount of
hardware resources (UDBs, routing, RAM, flash) used by a
component varies with the features selected in PSoC Creator for
the component.
Communications
I2C (1 to 3 UDBs)
UART (1 to 3 UDBs)
Functions
PWM (1 to 2 UDBs)
Logic (x CPLD product terms per logic function)
NOT
OR
XOR
AND
7.1.2 Example Analog Components
The following is a sample of the analog components available in
PSoC Creator for the CY8C53 family. The exact amount of
hardware resources (SC/CT blocks, routing, RAM, flash) used
by a component varies with the features selected in PSoC
Creator for the component.
Amplifiers
TIA
PGA
opamp
ADC
Successive Approximation (SAR)
DACs
Current
Voltage
PWM
Comparators
Mixers
7.1.3 Example System Function Components
The following is a sample of the system function components
available in PSoC Creator for the CY8C53 family. The exact
amount of hardware resources (UDBs, SC/CT blocks, routing,
RAM, flash) used by a component varies with the features
selected in PSoC Creator for the component.
CapSense
LCD Drive
LCD Control
Filters
7.1.4 Designing with PSoC Creator
7.1.4.1
More Than a Typical IDE
A successful design tool allows for the rapid development and
deployment of both simple and complex designs. It reduces or
eliminates any learning curve. It makes the integration of a new
design into the production stream straightforward.
PSoC Creator is that design tool.
PSoC Creator is a full featured Integrated Development
Environment (IDE) for hardware and software design. It is
optimized specifically for PSoC devices and combines a modern,
powerful software development platform with a sophisticated
graphical design tool. This unique combination of tools makes
PSoC Creator the most flexible embedded design platform
available.
Graphical design entry simplifies the task of configuring a
particular part. You can select the required functionality from an
extensive catalog of components and place it in your design. All
components are parameterized and have an editor dialog that
allows you to tailor functionality to your needs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com