Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 98 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 98 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 94Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 95Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 96Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 97Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 98Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 99Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 100Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 101Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 102Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 98 of 106
12. Ordering Information
In addition to the features listed in Table 12-1, every CY8C53 device includes: up to 128 KB flash, 32 KB SRAM, 2 KB EEPROM, a
precision on-chip voltage reference, precision oscillators, flash, DMA, a fixed function I2C, SWD programming and debug, and more.
In addition to these features, the flexible UDBs and analog subsection support a wide range of peripherals. To assist you in selecting
the ideal part, PSoC Creator makes a part recommendation after you choose the components required by your application. All CY8C53
derivatives incorporate device and flash security in user-selectable security levels; see the TRM for details
.
Table 12-1. CY8C53 Family with ARM Cortex-M3 CPU
Part Number
MCU Core
Analog
Digital
I/O[44]
Package
Device ID[45]
CY8C5368LTI-026
67
256
64
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
46
36
8
2
68-pin QFN
0x0E116069
CY8C5368AXI-106
67
256
64
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
70
60
8
2
100-pin TQFP 0x0E134069
CY8C5367LTI-003
67
128
32
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
46
36
8
2
68-pin QFN
0x0E141069
CY8C5367AXI-108
67
128
32
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
70
60
8
2
100-pin TQFP 0x0E114069
CY8C5366LTI-053
67
64
16
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
46
36
8
2
68-pin QFN
0x0E143069
CY8C5366AXI-001
67
64
16
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 24 4 ✔ –
70
60
8
2
100-pin TQFP 0x0E13C069
CY8C5365LTI-104
67
32
8
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 20 4 ✔ –
46
36
8
2
68-pin QFN
0x0E172069
CY8C5365AXI-043
67
32
8
2
✔ 1 × 12-bit SAR 2 4 2 2 – ✔ 20 4 ✔ –
70
60
8
2
100-pin TQFP 0x0E173069
Notes
42. Analog blocks support a wide variety of functionality including TIA, PGA, and mixers. See Example Peripherals on page 32 for more information on how analog blocks
can be used.
43. UDBs support a wide variety of functionality including SPI, LIN, UART, timer, counter, PWM, PRS, and others. Individual functions may use a fraction of a UDB or
multiple UDBs. Multiple functions can share a single UDB. See Example Peripherals on page 32 for more information on how UDBs can be used.
44. The I/O Count includes all types of digital I/O: GPIO, SIO, and the two USB I/O. See I/O System and Routing on page 26 for details on the functionality of each of
these types of I/O.
45. The device ID has three major fields. The most significant nibble (left digit) is the version, followed by a 2 byte part number and a 3 nibble manufacturer ID.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com