Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 33Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 34Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 35Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 36Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 37Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 38Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 39Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 40Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 37 of 106
7.2.2 Datapath Module
The datapath contains an 8-bit single cycle ALU, with associated compare and condition generation logic. This datapath block is
optimized to implement embedded functions, such as timers, counters, integrators, PWMs, PRS, CRC, shifters and dead band
generators and many others.
Figure 7-8. Datapath Top Level
7.2.2.6
Working Registers
The datapath contains six primary working registers, which are
accessed by CPU firmware or DMA during normal operation.
7.2.2.7
Dynamic Datapath Configuration RAM
Dynamic configuration is the ability to change the datapath
function and internal configuration on a cycle-by-cycle basis,
under sequencer control. This is implemented using the 8-word
x 16-bit configuration RAM, which stores eight unique 16-bit wide
configurations. The address input to this RAM controls the
sequence, and can be routed from any block connected to the
UDB routing matrix, most typically PLD logic, I/O pins, or from
the outputs of this or other datapath blocks.
ALU
The ALU performs eight general purpose functions. They are:
Increment
Decrement
Add
Subtract
Logical AND
Logical OR
Logical XOR
Pass, used to pass a value through the ALU to the shift register,
mask, or another UDB register
A0
A1
D0
D1
PI
ALU
Mask
Shift
Data Registers
Output
Muxes
F1
F0
FIFOs
Accumulators
PO
A0
A1
D0
D1
Output to
Programmable
Routing
Chaining
Parallel Input/Output
(To/From Programmable Routing)
Input from
Programmable
Routing
Input
Muxes
To/From
Next
Datapath
To/From
Previous
Datapath
PHUB System Bus
R/W Access to All
Registers
6
6
Table 7-1. Working Datapath Registers
Name
Function
Description
A0 and A1 Accumulators
These are sources and sinks for
the ALU and also sources for the
compares.
D0 and D1 Data Registers
These are sources for the ALU
and sources for the compares.
F0 and F1
FIFOs
These are the primary interface
to the system bus. They can be a
data source for the data registers
and accumulators or they can
capture data from the accumu-
lators or ALU. Each FIFO is four
bytes deep.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com