Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 55Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 56Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 57Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 58Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 60Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 59 of 106
11.2 Device Level Specifications
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted.
11.2.1 Device Level Specifications
Table 11-2. DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage and input to
analog core regulator
Analog core regulator enabled
2.7
–
5.5
V
VDDA
Analog supply voltage, analog regulator
bypassed
Analog core regulator disabled
1.71
1.8
1.89
V
VDDD
Digital supply voltage relative to VSSD
Digital core regulator enabled
2.7
–
VDDA
[10]
V
VDDD
Digital supply voltage, digital regulator
bypassed
Digital core regulator disabled
1.71
1.8
1.89
V
VDDIO
[11]
I/O supply voltage relative to VSSIO
2.7
–
VDDA
[10]
V
VCCA
Direct analog core voltage input (Analog
regulator bypass)
Analog core regulator disabled
1.71
1.8
1.89
V
VCCD
Direct digital core voltage input (Digital
regulator bypass)
Digital core regulator disabled
1.71
1.8
1.89
V
IDD
[12]
Active Mode, VDD = 2.7 V – 5.5 V
Execute from Flash cache, see Cache
Controller on page 12 and Flash
Program Memory on page 16
CPU at 6 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
5
–
mA
T = 85 °C
–
–
–
mA
Sleep Mode[13]
CPU = OFF
RTC = ON (= ECO32K ON, in low power
mode)
Sleep timer = ON (= ILO ON at 1 kHz)
WDT = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 4.5–5.5 V
T = –40 °C
–
–
–
µA
T = 25 °C
–
–
–
µA
T = 85 °C
–
–
–
µA
VDD = VDDIO = 2.7–3.6 V
T = –40 °C
–
–
–
µA
T = 25 °C
–
3
–
µA
T = 85 °C
–
–
–
µA
Hibernate Mode
Hibernate mode current
All regulators and oscillators off.
SRAM retention
GPIO interrupts are active
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 4.5–5.5 V
T = –40 °C
–
–
–
nA
T = 25 °C
–
–
–
nA
T = 85 °C
–
–
–
nA
VDD = VDDIO = 2.7–3.6 V
T = –40 °C
–
–
–
nA
T = 25 °C
–
1000
–
nA
T = 85 °C
–
–
–
nA
Notes
10. The power supplies can be brought up in any sequence however once stable VDDA must be greater than or equal to all other supplies.
11. The VDDIO supply voltage must be greater than the maximum analog voltage on the associated GPIO pins. Maximum analog voltage on GPIO pin ≤ VDDIO ≤ VDDA.
12. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective data sheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device data sheet and component data sheets.
13. Sleep timer generates periodic interrupts to wake up the CPU. This specification applies only to those times that the CPU is off.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com