Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 42Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 43Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 44Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 45Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 46Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 47Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 48Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 49Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 46 of 106
8.1 Analog Routing
The CY8C38 family of devices has a flexible analog routing
architecture that provides the capability to connect GPIOs and
different analog blocks, and also route signals between different
analog blocks. One of the strong points of this flexible routing
architecture is that it allows dynamic routing of input and output
connections to the different analog blocks. All analog routing
switches are open when the device is in sleep or hibernate mode.
For information on how to make pin selections for optimal analog
routing, refer to the application note, AN58304 - PSoC® 3 and
PSoC® 5 - Pin Selection for Analog Designs.
8.1.1 Features
Flexible, configurable analog routing architecture
16 Analog globals (AG) and two analog mux buses
(AMUXBUS) to connect GPIOs and the analog blocks
Each GPIO is connected to one analog global and one analog
mux bus
8 Analog local buses (abus) to route signals between the
different analog blocks
Multiplexers and switches for input and output selection of the
analog blocks
8.1.2 Functional Description
Analog globals (AGs) and analog mux buses (AMUXBUS)
provide analog connectivity between GPIOs and the various
analog blocks. There are 16 AGs in the CY8C38 family. The
analog routing architecture is divided into four quadrants as
shown in Figure 8-2. Each quadrant has four analog globals
(AGL[0..3], AGL[4..7], AGR[0..3], AGR[4..7]). Each GPIO is
connected to the corresponding AG through an analog switch.
The analog mux bus is a shared routing resource that connects
to every GPIO through an analog switch. There are two
AMUXBUS routes in CY8C38, one in the left half (AMUXBUSL)
and one in the right half (AMUXBUSR), as shown in Figure 8-2.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com