Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 64Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 65Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 66Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 67Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 68Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 65 of 106
11.4.2 SIO
Table 11-11. SIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Vinmax
Maximum input voltage
All allowed values of Vddio and
Vddd, see Section 11.2.1
––
5.5
V
Vinref
Input voltage reference (Differential
input mode)
0.5
0.52
× V
DDIO
V
Voutref
Output voltage reference (Regulated output mode)
VDDIO > 3.7
1
VDDIO – 1
V
VDDIO < 3.7
1
VDDIO – 0.5
V
VIH
Input voltage high threshold
GPIO mode
CMOS input
0.7
× V
DDIO
––
V
Differential input mode[21]
Hysteresis disabled
SIO_ref + 0.2
V
VIL
Input voltage low threshold
GPIO mode
CMOS input
0.3
× V
DDIO
V
Differential input mode[21]
Hysteresis disabled
SIO_ref – 0.2
V
VOH
Output voltage high
Unregulated mode
IOH = 4 mA, VDDIO = 3.3 V
VDDIO – 0.4
V
Regulated mode[21]
IOH = 1 mA
SIO_ref – 0.65
Voutref + 0.2
V
Regulated mode[21]
IOH = 0.1 mA
SIO_ref – 0.3
SIO_ref + 0.2
V
VOL
Output voltage low
VDDIO = 3.30 V, IOL = 25 mA
0.8
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
Rpulldown
Pull-down resistor
3.5
5.6
8.5
k
Ω
IIL
Input leakage current (absolute
value)[22]
VIH < Vddsio
25 °C, Vddsio = 3.0 V, VIH = 3.0 V
14
nA
VIH > Vddsio
25 °C, Vddsio = 0 V, VIH = 3.0 V
10
µA
CIN
Input Capacitance[22]
––
7
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[22]
Single ended mode (GPIO mode)
40
mV
Differential mode
35
mV
Idiode
Current through protection diode to
VSSIO
––
100
µA
Notes
21. See Figure 6-9 on page 28 and Figure 6-12 on page 31 for more information on SIO reference.
22. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com