Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 24Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 25Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 26Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 27Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 28Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 29Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 30Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 31Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 28 of 106
Figure 6-9. SIO Input/Output Block Diagram
Figure 6-10. USBIO Block Diagram
Drive
Logic
PRT[x]DM0
PRT[x]DR
PIN
Digital Output Path
Digital Input Path
PRT[x]SLW
PRT[x]DM1
PRT[x]DM2
Digital System Output
0
1
PRT[x]BYP
PRT[x]BIE
Bidirectional Control
Pin Interrupt Signal
Digital System Input
PRT[x]PS
Input Buffer Disable
Interrupt
Logic
PICU[x]INTTYPE[y]
PICU[x]INTSTAT
Slew
Cntl
OE
In
PRT[x]SYNC_OUT
PRT[x]DBL_SYNC_IN
PICU[x]INTSTAT
PRT[x]SIO_DIFF
Buffer
Thresholds
Driver
Vhigh
PRT[x]SIO_CFG
PRT[x]SIO_HYST_EN
Naming Convention
‘x’ = Port Number
‘y’ = Pin Number
Reference Level
Reference Level
Drive
Logic
USBIO_CR1[4,5]
PIN
Digital Output Path
Digital Input Path
Digital System Output
0
1
PRT[x]BYP
Pin Interrupt Signal
Digital System Input
USBIO_CR1[0,1]
Interrupt
Logic
PICU[x]INTTYPE[y]
PICU[x]INTSTAT
In
PRT[x]DBL_SYNC_IN
PICU[x]INTSTAT
Naming Convention
‘x’ = Port Number
‘y’ = Pin Number
Vddd
Vddd
Vddd
5 k
1.5 k
D+ pin only
USBIO_CR1[2]
USBIO_CR1[3]
USBIO_CR1[6]
USBIO_CR1[7]
USB or I/O
D+ 1.5 k
D+D- 5 k
Open Drain
PRT[x]SYNC_OUT
USB SIE Control for USB Mode
USB Receiver Circuitry
Vddd
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com