Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 77Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 78Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 79Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 80Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 81Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 82Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 83Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 84Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 81 of 106
11.5.7 Voltage Digital to Analog Converter (VDAC)
See the VDAC component data sheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
Figure 11-37. VDAC INL vs Input Code, 1 V Mode
Figure 11-38. VDAC DNL vs Input Code, 1 V Mode
Table 11-28. VDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
8
bits
INL1
Integral nonlinearity
1 V scale
±2.1
±2.5
LSB
DNL1
Differential nonlinearity
1 V scale
±0.3
±1
LSB
Rout
Output resistance
1 V scale
4
k
Ω
4 V scale
16
k
Ω
VOUT
Output voltage range, code = 255
1 V scale
1
V
4 V scale, Vdda = 5 V
4
V
Monotonicity
Yes
VOS
Zero scale error
0
±0.9
LSB
Eg
Gain error
1 V scale
±2.5
%
4 V scale
±2.5
%
TC_Eg
Temperature coefficient, gain error 1 V scale
0.03
%FSR / °C
4 V scale
0.03
%FSR / °C
IDD
Operating current
Slow mode
100
µA
Fast mode
500
µA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com