Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 54Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 55Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 56Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 57Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 58Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 60Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 58 of 106
11. Electrical Specifications
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted. The unique flexibility of the PSoC UDBs and analog blocks enable many functions to be implemented in PSoC Creator
components, see the component data sheets for full AC/DC specifications of individual functions. See the “Example Peripherals”
section on page 32 for further explanation of PSoC Creator components.
11.1 Absolute Maximum Ratings
Note
Usage above the absolute maximum conditions listed in Table 11-1 may cause permanent damage to the device. Exposure to
maximum conditions for extended periods of time may affect device reliability. When used below maximum conditions but above
normal operating conditions the device may not operate to specification.
Table 11-1. Absolute Maximum Ratings DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TSTG
Storage temperature
Recommended storage temper-
ature is +25 °C ±25 °C. Extended
duration storage temperatures
above 85 °C degrade reliability.
–55
25
100
°C
VDDA
Analog supply voltage relative to
VSSA
–0.5
6
V
VDDD
Digital supply voltage relative to
VSSD
–0.5
6
V
VDDIO
I/O supply voltage relative to VSSD
–0.5
6
V
VCCA
Direct analog core voltage input
–0.5
1.95
V
VCCD
Direct digital core voltage input
–0.5
1.95
V
VSSA
Analog ground voltage
VSSD – 0.5
VSSD +
0.5
V
VGPIO
[8]
DC input voltage on GPIO
Includes signals sourced by VDDA
and routed internal to the pin.
VSSD – 0.5
VDDIO +
0.5
V
VSIO
DC input voltage on SIO
Output disabled
VSSD – 0.5
7
V
Output enabled
VSSD – 0.5
6
V
VIND
Voltage at boost converter input
0.5
5.5
V
VBAT
Boost converter supply
VSSD – 0.5
5.5
V
Ivddio
Current per VDDIO supply pin
20
mA
LU
Latch up current[9]
–140
140
mA
ESDHBM
Electrostatic discharge voltage
Human body model
500
V
ESDCDM
ESD voltage
Charge device model
500
V
Notes
8. The VDDIO supply voltage must be greater than the maximum analog voltage on the associated GPIO pins. Maximum analog voltage on GPIO pin ≤ VDDIO ≤ VDDA.
9. Meets or exceeds JEDEC Spec EIA/JESD78 IC Latch-up Test.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com