Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 19Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 20Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 21Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 22Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 23Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 24Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 25Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 26Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 23 of 106
6.2.1 Power Modes
PSoC 5 devices have four different power modes, as shown in
Table 6-2 and Table 6-3. The power modes allow a design to
easily provide required functionality and processing power while
simultaneously minimizing power consumption and maximizing
battery life in low power and portable devices.
PSoC 5 power modes, in order of decreasing power
consumption are:
Active
Alternate Active
Sleep
Hibernate
Active is the main processing mode. Its functionality is
configurable. Each power controllable subsystem is enabled or
disabled by using separate power configuration template
registers. In alternate active mode, fewer subsystems are
enabled, reducing power. In sleep mode most resources are
disabled regardless of the template settings. Sleep mode is
optimized to provide timed sleep intervals and Real Time Clock
functionality. The lowest power mode is hibernate, which retains
register and SRAM state, but no clocks, and allows wakeup only
from I/O pins. Figure 6-5 illustrates the allowable transitions
between power modes. Sleep and hibernate modes should not
be entered until all VDDIO supplies are at valid voltage levels.
Note
6. Bus clock off. Execute from CPU instruction buffer at 6 MHz. See Table 11-2 on page 59.
Table 6-2. Power Modes
Power Modes
Description
Entry Condition
Wakeup
Source
Active Clocks
Regulator
Active
Primary mode of operation, all
peripherals available
(programmable)
Wakeup, reset,
manual register
entry
Any interrupt
Any (programmable) All regulators available.
Digital and analog
regulators can be
disabled if external
regulation used.
Alternate
Active
Similar to Active mode, and is
typically configured to have
fewer peripherals active to
reduce power. One possible
configuration is to use the
UDBs for processing, with the
CPU turned off
Manual register
entry
Any interrupt
Any (programmable) All regulators available.
Digital and analog
regulators can be
disabled if external
regulation used.
Sleep
All subsystems automatically
disabled
Manual register
entry
PICU, RTC,
CTW, LVD
ILO/kHzECO
Both digital and analog
regulators buzzed.
Digital and analog
regulators can be
disabled if external
regulation used.
Hibernate
All subsystems automatically
disabled
Lowest power consuming
mode with all peripherals and
internal regulators disabled,
except hibernate regulator is
enabled
Configuration and memory
contents retained
Manual register
entry
PICU
Only hibernate regulator
active.
Table 6-3. Power Modes Wakeup Time and Power Consumption
Sleep
Modes
Wakeup
Time
Current
(Typ)
Code
Execution
Digital
Resources
Analog
Resources
Clock Sourc-
es Available
Wakeup Sources
Reset Sources
Active
–
5 mA[6]
Yes
All
All
All
–
All
Alternate
Active
–
–
User
defined
All
All
All
–
All
Sleep
20 µs typ
3 µA
No
None
None
ILO/kHzECO
PICU, RTC, CTW,
LVD
XRES, LVD,
WDR
Hibernate
<100 µs
1 µA
No
None
None
None
PICU
XRES
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com