Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 60Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 64Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 65Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 66Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 63 of 106
11.4 Inputs and Outputs
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted. Unless otherwise specified, all charts and graphs show typical values.
11.4.1 GPIO
Note
19. Based on device characterization (Not production tested).
Table 11-8. Recommended External Components for Boost Circuit
Parameter
Description
Conditions
Min
Typ
Max
Units
LBOOST
Boost inductor
4.7
10
47
µH
CBOOST
Filter capacitor[19]
10
22
47
µF
IF
External Schottky
diode average forward
current
External Schottky diode is required for
VOUT > 3.6 V
1
A
VR
20
V
Table 11-9. GPIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
CMOS Input, PRT[x]CTL = 0
0.7
× V
DDIO
––
V
VIL
Input voltage low threshold
CMOS Input, PRT[x]CTL = 0
0.3
×
VDDIO
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1
2.0
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1
0.8
V
VOH
Output voltage high
IOH = 4 mA at 3.3 VDDIO
VDDIO – 0.6
V
VOL
Output voltage low
IOL = 8 mA at 3.3 VDDIO
––
0.6
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
Rpulldown
Pull-down resistor
3.5
5.6
8.5
k
Ω
IIL
Input leakage current (absolute
value)[20]
25 °C, VDDIO = 3.0 V
2
nA
CIN
Input capacitance[20]
GPIOs without opamp outputs
7
pF
GPIOs with opamp outputs
18
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[20]
–40
mV
Idiode
Current through protection diode to
VDDIO and VSSIO
100
µA
Rglobal
Resistance pin to analog global bus 25 °C, VDDIO = 3.0 V
320
Ω
Rmux
Resistance pin to analog mux bus
25 °C, VDDIO = 3.0 V
220
Ω
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com