Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C53_11 Datasheet HTML 1Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 2Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 3Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 4Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 5Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 6Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 7Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 8Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 5 of 106
The CY8C53 family supports a wide supply operating range from
2.7 to 5.5 V. This allows operation from regulated supplies such
as 3.3 V ± 10% or 5.0 V ± 10%, or directly from a wide range of
battery types. It also provides an integrated high efficiency
synchronous boost converter that can power the device from
supply voltages as low as 1.8 V. The designer can use the boost
converter to generate other voltages required by the device,
such as a 3.3 V supply for LCD glass drive. The boost’s output
is available on the VBOOST pin, allowing other devices in the
application to be powered from the PSoC.
PSoC supports a wide range of low-power modes. These include
a 1-µA hibernate mode with RAM retention and a 3-µA sleep
mode with RTC. In the second mode the optional 32.768 KHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low-power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 2 mA when the CPU is running at
6 MHz.
The details of the PSoC power modes are covered in the “Power
System” section on page 22 of this data sheet.
PSoC uses a SWD interface for programming, debug, and test.
Using this standard interface enables the designer to debug or
program the PSoC with a variety of hardware solutions from
Cypress or third party vendors. The Cortex-M3 debug and trace
modules include FPB, DWT, and ITM. These modules have
many features to help solve difficult debug and trace problems.
Details of the programming, test, and debugging interfaces are
discussed in the “Programming, Debug Interfaces, Resources”
section on page 54 of this data sheet.
2. Pinouts
The VDDIO pin that supplies a particular set of pins is indicated
by the black lines drawn on the pinout diagrams in Figure 2-1 and
Figure 2-2. Using the VDDIO pins, a single PSoC can support
multiple interface voltage levels, eliminating the need for off-chip
level shifters. Each VDDIO may sink up to 100 mA total to its
associated I/O pins and opamps. On the 68-pin and 100-pin
devices each set of VDDIO associated pins may sink up to
100 mA.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com