Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 84Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 85Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 86Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 87Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 88Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 89Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 90Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 91Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 88 of 106
11.6.3 Pulse Width Modulation
The following specifications apply to the Timer/Counter/PWM peripheral, in PWM mode. PWM components can also be implemented
in UDBs; for more information, see the PWM component data sheet in PSoC Creator.
11.6.4 I2C
Controller Area Network[31]
Table 11-43. PWM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit PWM, at listed input clock
frequency
µA
3 MHz
15
µA
12 MHz
60
µA
48 MHz
260
µA
67 MHz
350
µA
Table 11-44. PWM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
67.01
MHz
Pulse width
13
ns
Pulse width (external)
30
ns
Kill pulse width
13
ns
Kill pulse width (external)
30
ns
Enable pulse width
13
ns
Enable pulse width (external)
30
ns
Reset pulse width
13
ns
Reset pulse width (external)
30
ns
Table 11-45. Fixed I2C DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
Enabled, configured for 100 kbps
250
µA
Enabled, configured for 400 kbps
260
µA
Table 11-46. Fixed I2C AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
1
Mbps
Table 11-47. CAN DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
IDD
Block current consumption
200
µA
Note
31. Refer to ISO 11898 specification for details.
Table 11-48. CAN AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
Minimum 8 MHz clock
1
Mbit
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com