Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 11Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 12Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 13Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 14Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 15Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 16Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 17Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 18Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 15 of 106
Table 4-6. Interrupt Vector Table
Interrupt #
Cortex-M3 Exception #
Fixed Function
DMA
UDB
0
16
Low voltage detect (LVD)
phub_termout0[0]
udb_intr[0]
1
17
Cache
phub_termout0[1]
udb_intr[1]
2
18
Reserved
phub_termout0[2]
udb_intr[2]
3
19
Sleep (Pwr Mgr)
phub_termout0[3]
udb_intr[3]
4
20
PICU[0]
phub_termout0[4]
udb_intr[4]
5
21
PICU[1]
phub_termout0[5]
udb_intr[5]
6
22
PICU[2]
phub_termout0[6]
udb_intr[6]
7
23
PICU[3]
phub_termout0[7]
udb_intr[7]
8
24
PICU[4]
phub_termout0[8]
udb_intr[8]
9
25
PICU[5]
phub_termout0[9]
udb_intr[9]
10
26
PICU[6]
phub_termout0[10]
udb_intr[10]
11
27
PICU[12]
phub_termout0[11]
udb_intr[11]
12
28
PICU[15]
phub_termout0[12]
udb_intr[12]
13
29
Comparators Combined
phub_termout0[13]
udb_intr[13]
14
30
Switched Caps Combined
phub_termout0[14]
udb_intr[14]
15
31
I2C
phub_termout0[15]
udb_intr[15]
16
32
CAN
phub_termout1[0]
udb_intr[16]
17
33
Timer/Counter0
phub_termout1[1]
udb_intr[17]
18
34
Timer/Counter1
phub_termout1[2]
udb_intr[18]
19
35
Timer/Counter2
phub_termout1[3]
udb_intr[19]
20
36
Timer/Counter3
phub_termout1[4]
udb_intr[20]
21
37
USB SOF Int
phub_termout1[5]
udb_intr[21]
22
38
USB Arb Int
phub_termout1[6]
udb_intr[22]
23
39
USB Bus Int
phub_termout1[7]
udb_intr[23]
24
40
USB Endpoint[0]
phub_termout1[8]
udb_intr[24]
25
41
USB Endpoint Data
phub_termout1[9]
udb_intr[25]
26
42
Reserved
phub_termout1[10]
udb_intr[26]
27
43
Reserved
phub_termout1[11]
udb_intr[27]
28
44
Reserved
phub_termout1[12]
udb_intr[28]
29
45
Decimator Int
phub_termout1[13]
udb_intr[29]
30
46
phub_err_int
phub_termout1[14]
udb_intr[30]
31
47
eeprom_fault_int
phub_termout1[15]
udb_intr[31]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com