Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 56Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 57Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 58Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 60Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 61Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 62Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 60 of 106
Note
14. Based on device characterization (Not production tested).
Table 11-3. AC Specifications[14]
Parameter
Description
Conditions
Min
Typ
Max
Units
FCPU
CPU frequency
DC
–
67.01
MHz
FBUSCLK
Bus frequency
DC
–
67.01
MHz
Svdd
VDD ramp rate
–
–
1
V/ns
TIO_INIT
Time from VDDD/VDDA/VCCD/VCCA
≥ IPOR to I/O ports set to their reset
states
–
–
10
µs
TSTARTUP
Time from VDDD/VDDA/VCCD/VCCA
≥ min operating voltage to CPU
executing code at reset vector
No PLL used, IMO boot mode 12 MHz
typ.
–
–
66
µs
TSLEEP
Wakeup from limited active mode –
Application of non-LVD interrupt to
beginning of execution of next CPU
instruction
–
20
–
µs
THIBERNATE Wakeup form hibernate mode –
Application of external interrupt to
beginning of execution of next CPU
instruction
–
–
100
µs
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com