Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 63Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 64Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 65Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 66Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 67Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 68Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 69Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 70Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 67 of 106
Figure 11-11. SIO Output Rise and Fall Times, Fast Strong
Mode, VDDIO = 3.3 V, 25 pF Load
Figure 11-12. SIO Output Rise and Fall Times, Slow Strong
Mode, VDDIO = 3.3 V, 25 pF Load
Fsioout
SIO output operating frequency
Unregulated output (GPIO) mode,
fast strong drive mode
90/10% VDDIO into 25 pF
–
–
33
MHz
3.3 V < VDDIO < 5.5 V, Unregulated
output (GPIO) mode, slow strong
drive mode
90/10% VDDIO into 25 pF
–
–
5
MHz
2.7 V < VDDIO < 3.3 V, Unregulated
output (GPIO) mode, slow strong
drive mode
90/10% VDDIO into 25 pF
–
–
4
MHz
Regulated output mode, fast strong
drive mode
Output continuously switching
into 25 pF
–
–
20
MHz
Regulated output mode, slow
strong drive mode
Output continuously switching
into 25 pF
–
–
2.5
MHz
Fsioin
SIO input operating frequency
90/10% VDDIO
–
–
66
MHz
Table 11-12. SIO AC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com