Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 82Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 83Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 84Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 85Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 86Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 87Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 88Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 89Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 86 of 106
Figure 11-49. Bandwidth vs. Temperature, at Different Gain
Settings, Power Mode = High
Figure 11-50. Noise vs. Frequency, Vdda = 5 V,
Power Mode = High
11.5.11 Temperature Sensor
11.5.12 LCD Direct Drive
Table 11-35. PGA AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
BW1
–3 dB bandwidth
Power mode = high,
gain = 1, noninverting
mode, 300 mV
≤ VIN ≤
VDDA – 1.2 V, Cl ≤ 25 pF
6.7
8
MHz
SR1
Slew rate
Power mode = high,
gain = 1, 20% to 80%
3
V/µs
en
Input noise density
Power mode = high,
Vdda = 5 V, at 100 kHz
43
nV/sqrtHz
Table 11-36. Temperature Sensor Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Temp sensor accuracy
Range: –40 °C to +85 °C
±8
°C
Table 11-37. LCD Direct Drive DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
LCD system operating current
Bus clock = 3 Mhz, Vddio = Vdda =
3 V, 4 commons, 16 segments, 1/4
duty cycle, 50 Hz frame rate, no
glass connected
–63
μA
ICC_SEG
Current per segment driver
Strong drive mode
260
µA
VBIAS
LCD bias range (VBIAS refers to the main
output voltage(V0) of LCD DAC)
VDDA ≥ 3 V and VDDA ≥ VBIAS
2–
5
V
LCD bias step size
VDDA ≥ 3 V and VDDA ≥ VBIAS
–9.1 × VDDA
–mV
LCD capacitance per
segment/common driver
Drivers may be combined
500
5000
pF
Long term segment offset
20
mV
IOUT
Output drive current per segment driver) Vddio = 5.5V, strong drive mode
355
710
µA
Table 11-38. LCD Direct Drive AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
fLCD
LCD frame rate
10
50
150
Hz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com