Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 51Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 52Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 53Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 54Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 55Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 56Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 57Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 58Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 55 of 106
9.1 Debug Port Acquisition
Prior to programming or debugging, the debug port must be
acquired. There is a time window after reset within which the Port
Acquire must be completed. This window is initially 8 µs; if eight
clocks are detected on the SWDCK line within the 8 µs period,
the time window will then be extended to 400 µs to complete the
port acquire operation. The port acquire key must be transmitted
over one of the two SWD pin pairs; see SWD Interface. For a
detailed description of the acquire key sequence, refer to the
Technical Reference Manual
9.2 SWD Interface
SWD uses two pins, either two port 1 pins or the USBIO D+ and
D- pins. The USBIO pins are useful for in system programming
of USB solutions that would otherwise require a separate
programming connector. One pin is used for the data clock and
the other is used for data input and output. SWD can be enabled
on only one of the pin pairs at a time. SWD is used for debugging
or for programming the flash memory. In addition, the SWD
interface supports the SWV trace output. The SWD interface
also includes the SWV interface, see SWV Interface on page 56.
When using the SWD/SWV pins as standard GPIO, make sure
that the GPIO functionality and PCB circuits do not interfere with
SWD/SWV use. The SWV trace output is automatically activated
whenever the SWD is activated.
Figure 9-1. SWD Interface Connections between PSoC 5 and Programmer
VSSD, VSSA
VDDD, VDDA, VDDIO0, VDDIO1, VDDIO2, VDDIO3
1, 2, 3
SWDCK (P1[1] or P15[7])  
4
SWDIO (P1[0] or P15[6])
XRES
GND
GND
SWDCK
SWDIO
XRES
Host Programmer
PSoC 5
VDD
1 The voltage levels of the Host Programmer and the PSoC5 voltage domains involved in programming should be
the same. XRES pin is powered by
VDDIO1. The USB SWD pins are powered by VDDD. So for
programming using the USB SWD pins with XRES pin, the
VDDD, VDDIO1  of PSoC 5 should be at the same voltage
level as Host
VDD. Rest of PSoC 5 voltage domains (VDDA, VDDIO0, VDDIO2, VDDIO3) need not be at the same voltage
level as host Programmer. The Port 1 SWD pins are powered by
VDDIO1. So VDDIO1 of PSoC 5 should be at same
voltage level as host
VDD for Port 1 SWD programming. Rest of PSoC 5 voltage domains ( VDDD,  VDDA, VDDIO0, VDDIO2
    VDDIO3) need not be at the same voltage level as host Programmer.
2 Vdda must be greater than or equal to all other power supplies (Vddd, Vddio’s) in PSoC 5.
3 For Power cycle mode Programming, XRES pin is not required. But the Host programmer must have
the capability to toggle power (Vddd, Vdda, All Vddio’s) to PSoC 5. This may typically require
external interface circuitry to toggle power which will depend on the programming setup. The power
supplies can be brought up in any sequence, however, once stable, VDDA must be greater than or
equal to all other supplies.
4 When USB SWD pins are used for Programming, the P1[1] SWDCK pin must be externally connected to Ground
using external pull-down resistor (around 100 K resistor). This is required for P15[7] SWDCK signal to be seen by
PSoC 5's internal logic.
VDD
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com