Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 80Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 81Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 82Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 83Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 84Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 85Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 86Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 87Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 84 of 106
11.5.8 Mixer
The mixer is created using a SC/CT analog block; see the Mixer component data sheet in PSoC Creator for full electrical specifications
and APIs.
11.5.9 Transimpedance Amplifier
The TIA is created using a SC/CT analog block; see the TIA component data sheet in PSoC Creator for full electrical specifications
and APIs.
Table 11-30. Mixer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage
20
mV
Quiescent current
0.9
2
mA
G
Gain
0
dB
Table 11-31. Mixer AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
fLO
Local oscillator frequency
Down mixer mode
4
MHz
fin
Input signal frequency
Down mixer mode
14
MHz
fLO
Local oscillator frequency
Up mixer mode
1
MHz
fin
Input signal frequency
Up mixer mode
1
MHz
SR
Slew rate
3
V/µs
Note
30. Conversion resistance values are not calibrated. Calibrated values and details about calibration are provided in PSoC Creator component data sheets. External
precision resistors can also be used.
Table 11-32. Transimpedance Amplifier (TIA) DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIOFF
Input offset voltage
20
mV
Rconv
Conversion resistance[30]
R = 20K; 40 pF load
–25
+35
%
R = 30K; 40 pF load
–25
+35
%
R = 40K; 40 pF load
–25
+35
%
R = 80K; 40 pF load
–25
+35
%
R = 120K; 40 pF load
–25
+35
%
R = 250K; 40 pF load
–25
+35
%
R= 500K; 40 pF load
–25
+35
%
R = 1M; 40 pF load
–25
+35
%
Quiescent current
1.1
2
mA
Table 11-33. Transimpedance Amplifier (TIA) AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
BW
Input bandwidth (–3 dB)
R = 20K; 40 pF load
1500
kHz
R = 120K; 40 pF load
300
kHz
R = 1M; 40 pF load
46
kHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com