Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 21Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 22Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 23Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 24Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 25Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 26Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 27Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 28Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 25 of 106
The switching frequency can be set to 100 kHz, 400 kHz, 2 MHz,
or 32 kHz to optimize efficiency and component cost. The
100 kHz, 400 kHz, and 2 MHz switching frequencies are
generated using oscillators internal to the boost converter block.
When the 32 KHz switching frequency is selected, the clock is
derived from a 32 kHz external crystal oscillator. The 32 KHz
external clock is primarily intended for boost standby mode.
At 2 MHz the Vboost output is limited to 2 × Vbat, and at 400 kHz
Vboost is limited to 4 × Vbat.
The boost converter can be operated in two different modes:
active and standby. Active mode is the normal mode of operation
where the boost regulator actively generates a regulated output
voltage. In standby mode, most boost functions are disabled,
thus reducing power consumption of the boost circuit. The
converter can be configured to provide low power, low current
regulation in the standby mode. The external 32 kHz crystal can
be used to generate inductor boost pulses on the rising and
falling edge of the clock when the output voltage is less than the
programmed value. This is called automatic thump mode (ATM).
The boost typically draws 200 µA in active mode and 12 µA in
standby mode. The boost operating modes must be used in
conjunction with chip power modes to minimize the total chip
power consumption. Table 6-4 lists the boost power modes
available in different chip power modes.
If the boost converter is not used in a given application, tie the
VBAT, VSSB, and VBOOST pins to ground and leave the Ind pin
unconnected.
6.3 Reset
CY8C53 has multiple internal and external reset sources
available. The reset sources are:
Power source monitoring - The analog and digital power
voltages, VDDA, VDDD, VCCA, and VCCD are monitored in
several different modes during power up, active mode, and
sleep mode (buzzing). If any of the voltages goes outside
predetermined ranges then a reset is generated. The monitors
are programmable to generate an interrupt to the processor
under certain conditions before reaching the reset thresholds.
External - The device can be reset from an external source by
pulling the reset pin (XRES) low. The XRES pin includes an
internal pull-up to Vddio1. VDDD, VDDA, and Vddio1 must all
have voltage applied before the part comes out of reset.
Watchdog timer - A watchdog timer monitors the execution of
instructions by the processor. If the watchdog timer is not reset
by firmware within a certain period of time, the watchdog timer
generates a reset. The watchdog timer should not be used
during sleep and hibernate modes.
Software - The device can be reset under program control.
Figure 6-7. Resets
The term system reset indicates that the processor as well as
analog and digital peripherals and registers are reset.
A reset status register holds the source of the most recent reset
or power voltage monitoring interrupt. The program may
examine this register to detect and report exception conditions.
This register is cleared after a power on reset.
6.3.1 Reset Sources
6.3.1.1
Power Voltage Level Monitors
IPOR - Initial Power on Reset
At initial power on, IPOR monitors the power voltages VDDD
and VDDA, both directly at the pins and at the outputs of the
corresponding internal regulators. The trip level is not precise.
It is set to approximately 1 volt, which is below the lowest
specified operating voltage but high enough for the internal
circuits to be reset and to hold their reset state. The monitor
generates a reset pulse that is at least 100 ns wide. It may be
much wider if one or more of the voltages ramps up slowly.
To save power the IPOR circuit is disabled when the internal
digital supply is stable. When the voltage is high enough, the
IMO starts.
ALVI, DLVI, AHVI - Analog/Digital Low Voltage Interrupt, Analog
High Voltage Interrupt
Interrupt circuits are available to detect when VDDA and VDDD
go outside a voltage range. For AHVI, VDDA is compared to a
fixed trip level. For ALVI and DLVI, VDDA and VDDD are
compared to trip levels that are programmable, as listed in
Table 6-5. ALVI and DLVI can also be configured to generate
a device reset instead of an interrupt.
Table 6-4. Chip and Boost Power Modes Compatibility
Chip Power Modes
Boost Power Modes
Chip -Active mode
Boost can be operated in either active or
standby mode.
Chip -Sleep mode
Boost can be operated in either active or
standby mode. However, it is recom-
mended to operate boost in standby mode
for low power consumption
Chip-Hibernate mode
Boost can only be operated in active mode.
However, it is recommended not to use
boost in chip hibernate mode due to high
current consumption in boost active mode
Reset
Controller
Watchdog
Timer
External
Reset
Power
Voltage
Level
Monitors
Software
Reset
Register
Vddd Vdda
Reset
Pin
System
Reset
Processor
Interrupt
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com