Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 100 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 100 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 96Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 97Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 98Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 99Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 100Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 101Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 102Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 103Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 104Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 100 of 106
13. Packaging
Figure 13-1. 68-Pin QFN 8x8 with 0.4 mm Pitch Package Outline (Sawn Version)
Table 13-1. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25
85
°C
TJ
Operating junction temperature
–40
–
100
°C
Tja
Package
θ
JA (68-pin QFN)
–
15
–
°C/Watt
Tja
Package
θ
JA (100-pin TQFP)
–
34
–
°C/Watt
Tjc
Package
θ
JC (68-pin QFN)
–
13
–
°C/Watt
Tjc
Package
θ
JC (100-pin TQFP)
–
10
–
°C/Watt
Table 13-2. Solder Reflow Peak Temperature
Package
Maximum Peak
Temperature
Maximum Time at
Peak Temperature
68-pin QFN
260 °C
30 seconds
100-pin TQFP
260 °C
30 seconds
Table 13-3. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
68-pin QFN
MSL 3
100-pin TQFP
MSL 3
001-09618 *C
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com