Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C53 Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button CY8C53_11 Datasheet HTML 98Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 99Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 100Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 101Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 102Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 103Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 104Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 105Page - Cypress Semiconductor CY8C53_11 Datasheet HTML 106Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 103 of 106
15. Reference Documents
PSoC® 3, PSoC® 5 Architecture TRM
PSoC® 5 Registers TRM
PLA
programmable logic array
PLD
programmable logic device, see also PAL
PLL
phase-locked loop
PMDD
package material declaration data sheet
POR
power-on reset
PRS
pseudo random sequence
PS
port read data register
PSoC®
Programmable System-on-Chip™
PSRR
power supply rejection ratio
PWM
pulse-width modulator
RAM
random-access memory
RISC
reduced-instruction-set computing
RMS
root-mean-square
RTC
real-time clock
RTL
register transfer language
RTR
remote transmission request
RX
receive
SAR
successive approximation register
SC/CT
switched capacitor/continuous time
SCL
I2C serial clock
SDA
I2C serial data
S/H
sample and hold
SIO
special input/output, GPIO with advanced
features. See GPIO.
SNR
signal-to-noise ratio
SOC
start of conversion
SOF
start of frame
Table 14-1. Acronyms Used in this Document
(continued)
Acronym
Description
SPI
Serial Peripheral Interface, a communications
protocol
SR
slew rate
SRAM
static random access memory
SRES
software reset
SWD
serial wire debug, a test protocol
SWV
single-wire viewer
TD
transaction descriptor, see also DMA
THD
total harmonic distortion
TIA
transimpedance amplifier
TRM
technical reference manual
TTL
transistor-transistor logic
TX
transmit
UART
Universal Asynchronous Transmitter Receiver, a
communications protocol
UDB
universal digital block
USB
Universal Serial Bus
USBIO
USB input/output, PSoC pins used to connect to
a USB port
VDAC
voltage DAC, see also DAC, IDAC
WDT
watchdog timer
WOL
write once latch, see also NVL
WRES
watchdog timer reset
XRES
external reset I/O pin
XTAL
crystal
Table 14-1. Acronyms Used in this Document
(continued)
Acronym
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com