Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 165 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 161Page - STMicroelectronics SPEAR1340 Datasheet HTML 162Page - STMicroelectronics SPEAR1340 Datasheet HTML 163Page - STMicroelectronics SPEAR1340 Datasheet HTML 164Page - STMicroelectronics SPEAR1340 Datasheet HTML 165Page - STMicroelectronics SPEAR1340 Datasheet HTML 166Page - STMicroelectronics SPEAR1340 Datasheet HTML 167Page - STMicroelectronics SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
165/200
5.7.2
GMII receive timing characteristics
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs and using MAC_RXCLK as source of clock for GMII RX interface timings extraction.
Figure 26.
GMII RX timing waveform
5.7.3
MII transmit timing characteristics
The timing characterization is performed assuming an output load capacitance of 10 pF on
the output pads and using a 2 ns transition on MAC_TXCLK for interface timings extraction.
These timings are valid for 10 and 100 Mbps operation.
Figure 27.
MII TX timing waveform
Table 74.
GMII RX timing characteristics
Parameter
Description(1)
1.
Characterizations based on external clock sources are performed assuming an ideal 50% duty cycle clock.
Min
Max
Unit
TCLK
MAC_RXCLK clock period
8
ns
TCLKhigh
MAC_RXCLK pulse high
2.5
ns
TCLKlow
MAC_RXCLK pulse low
2.5
ns
tsetup (Ts)
Setup time for GMII receive data
4
ns
thold (Th)
Hold time for GMII receive data
0.5
ns
MAC_RXD0 – MAC_RXD7,
MAC_RXER, MAC_RXDV
MAC_RXCLK
(input)
Th
TCLKhigh
TCLKlow
Ts
MAC_TXCLK
(input)
MAC_TXD0 - MAC_TXD3,
MAC_TXEN, MAC_TXER
TCLKlow
TCLKhigh
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com