Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 166 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 162Page - STMicroelectronics SPEAR1340 Datasheet HTML 163Page - STMicroelectronics SPEAR1340 Datasheet HTML 164Page - STMicroelectronics SPEAR1340 Datasheet HTML 165Page - STMicroelectronics SPEAR1340 Datasheet HTML 166Page - STMicroelectronics SPEAR1340 Datasheet HTML 167Page - STMicroelectronics SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics SPEAR1340 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 200 page
background image
Timing characteristics
SPEAr1340
166/200
Doc ID 023063 Rev 4
5.7.4
MII receive timing characteristics
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs.
These timings are valid for 10 and 100 Mbps operation.
Figure 28.
MII RX timing waveform
Table 75.
MII TX timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
MAC_TXCLK clock period
40
ns
TCLKhigh
MAC_TXCLK pulse high
12
ns
TCLKlow
MAC_TXCLK pulse low
12
ns
TD
MAC_TXCLK to MII output data
5.1
18
ns
Table 76.
MII RX timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
MAC_RXCLK clock period
40
ns
TCLKhigh MAC_RXCLK pulse high
12
ns
TCLKlow MAC_RXCLK pulse low
12
ns
Ts
Setup time for MII receive data
3.8
ns
Th
Hold time for MII receive data
0
Th
MAC_RXCLK
(input)
MAC_RXD0-MAC_RXD3,
MAC_RXER, MAC_RXDV
TCLKhigh
TCLKlow
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com