Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 170 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 166Page - STMicroelectronics SPEAR1340 Datasheet HTML 167Page - STMicroelectronics SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics SPEAR1340 Datasheet HTML 170Page - STMicroelectronics SPEAR1340 Datasheet HTML 171Page - STMicroelectronics SPEAR1340 Datasheet HTML 172Page - STMicroelectronics SPEAR1340 Datasheet HTML 173Page - STMicroelectronics SPEAR1340 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 200 page
background image
Timing characteristics
SPEAr1340
170/200
Doc ID 023063 Rev 4
5.10
I2S timing characteristics
This section describes the timing characteristics for the two I2S digital audio ports (I2S_IN
and I2S_OUT).
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs, an output load capacitance of 10 pF on all outputs and using PLL1 as source of I2S
OUT_BITCLK with a nominal period of 40 ns.
I2S transmit timing characteristics
Figure 32.
I2S transmit timing waveform
Table 82.
I2S transmit timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
I2S_OUT_BITCLK clock period
40
ns
TCLKhigh
I2S_OUT_BITCLK pulse high
15
ns
TCLKlow
I2S_OUT_BITCLK pulse low
15
ns
fOVRCLK
I2S_OUT_OVERSAMP_CLK frequency
fI2S_OUT_BITCLK/2
TOVRCLKhigh
I2S_OUT_OVERSAMP_CLK pulse high
7.5
ns
TOVRCLKCLKlo
w
I2S_OUT_OVERSAMP_CLK pulse low
7.5
ns
TD
I2S_OUT_BITCLK to I2S_OUT data delay
13
30
ns
I2S_OUT_BITCLK
I2S_OUT_DATA3 –
I2S_OUT_DATA0,
I2S_OUT_WS
TCLKhigh
TCLKlow
TD
I2S_OUT_OVRSAMP_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com