Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 167 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 163Page - STMicroelectronics SPEAR1340 Datasheet HTML 164Page - STMicroelectronics SPEAR1340 Datasheet HTML 165Page - STMicroelectronics SPEAR1340 Datasheet HTML 166Page - STMicroelectronics SPEAR1340 Datasheet HTML 167Page - STMicroelectronics SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics SPEAR1340 Datasheet HTML 170Page - STMicroelectronics SPEAR1340 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
167/200
5.7.5
MAC Ethernet asynchronous signals timing characteristics (MAC_CRS
and MAC_COL)
MAC_CRS and MAC_COL signals are used only by the GMII and MII interfaces.
Figure 29.
MAC asynchronous input signals timing waveform
5.7.6
MAC serial management channel timing characteristics (MDIO/MDC)
The MAC_MDIO and MAC_MDC signals are used to perform serial management channel
timing.
The MDC frequency should be equal to or less than 2.5 MHz to be compliant with the IEEE
802.3 MII specification. However, MAC can function correctly with a maximum MDC
frequency of 15 MHz.
Figure 30.
MAC_MDC/MAC_MDIO timing waveform
Table 77.
MAC asynchronous input signals timing characteristics
Symbol
Description
Min
Max
Unit
TD
MAC_CRS to MAC_COL minimum pulse width
3
-
ns
MAC_CRS, MAC_COL
TD
Table 78.
MAC_MDC/MAC_MDIO timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
MAC_MDC clock period
200
ns
TD
Falling edge of MDC to MDIO output delay(1)
10
20
ns
TCLKhigh
MAC_MDC pulse width high
60
ns
MAC_MDIO (input)
MAC_MDC
(output)
Th
MAC_MDIO (output)
TD
Ts
TCLKlow
TCLKhigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com