Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 168 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 164Page - STMicroelectronics SPEAR1340 Datasheet HTML 165Page - STMicroelectronics SPEAR1340 Datasheet HTML 166Page - STMicroelectronics SPEAR1340 Datasheet HTML 167Page - STMicroelectronics SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics SPEAR1340 Datasheet HTML 170Page - STMicroelectronics SPEAR1340 Datasheet HTML 171Page - STMicroelectronics SPEAR1340 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 200 page
background image
Timing characteristics
SPEAr1340
168/200
Doc ID 023063 Rev 4
5.8
GPIO/XGPIO timing characteristics
For edge-sensitive signals, the interrupt line is sampled by flip flops clocked by PCLK for
GPIOs and HCLK for XGPIOs, the APB and AHB clocks, normally running at 83 MHz and
166 MHz respectively.
The minimum pulse width required for interrupt detection on signal edge is:
3*TPCLK (36 ns at 83 MHz) for GPIO
3*THCLK (18 ns at 166 MHz) for XGPIO
5.9
I2C timing characteristics
The timing of high and low level of SCL (TSCLHigh and TSCLLow) are programmable.
Figure 31.
I2C timing waveform
TCLKlow
MAC_MDC pulse width low
60
ns
Ts
Setup time for MDIO input
30
ns
Th
Hold time for MDIO input
0
ns
1.
When MDIO is used as output, the data is launched on the falling edge of the clock as shown in Figure 30.
Table 78.
MAC_MDC/MAC_MDIO timing characteristics (continued)
Symbol
Description
Min
Max
Unit
I2Cx_SCL
I2Cx_SDA
tSCLHigh
tSU-STA
tHD-STA
tSU-DAT
tSU-STO
tHD-STO
tSCLLow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com