Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 172 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 168Page - STMicroelectronics SPEAR1340 Datasheet HTML 169Page - STMicroelectronics SPEAR1340 Datasheet HTML 170Page - STMicroelectronics SPEAR1340 Datasheet HTML 171Page - STMicroelectronics SPEAR1340 Datasheet HTML 172Page - STMicroelectronics SPEAR1340 Datasheet HTML 173Page - STMicroelectronics SPEAR1340 Datasheet HTML 174Page - STMicroelectronics SPEAR1340 Datasheet HTML 175Page - STMicroelectronics SPEAR1340 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 200 page
background image
Timing characteristics
SPEAr1340
172/200
Doc ID 023063 Rev 4
5.11
MCIF timing characteristics
5.11.1
Synchronous mode (SD/SDIO/MMC)
This section describes the timing characteristics for MCIF when interfacing SD/SDIO/MMC
synchronous memories.
The tables below show the timings for the high-speed and full-speed modes.
The timing characterization is performed assuming an output load capacitance of 10 pF on
all the outputs, an input transition of 2ns on all the inputs and using PLL1 as source of the
clock used for the timings extraction.
The MCI_ADDR_CLE_CLK signal is programmable via the MCIF registers. Refer to
RM0089, Reference manual, SPEAr1340 address map and registers
Figure 34.
MCIF - SD/SDIO/MMC mode timing waveform
1.
MCIF_OUT/MCIF_IN synchronous signals: MCIF_DATA0, MCIF_DATA[7..4], MCIF_DATAx_SD (x= 1..3),
MCIF_SD_CMD
Table 84.
MCIF - SD/SDIO High speed mode timing characteristics
Symbol
Description
Min
Max
Unit
tCLK
MCIF_ADDR1_CLE_CLK clock period
20
ns
tCLKhigh
MCIF_ADDR1_CLE_CLK pulse high
tCLK/2-1
ns
tCLKlow
MCIF_ADDR1_CLE_CLK pulse low
tCLK/2-1
ns
tD
MCIF_ADDR1_CLE_CLK to MCIF_OUT output delay
0.2
6.1
ns
ts
Setup time for MCIF_IN data
14
ns
th
Hold time for MCIF_IN data
1.3
ns
Table 85.
MCIF - SD/SDIO Full speed mode timing characteristics
Symbol
Description
Min
Max
Unit
tCLK
MCIF_ADDR1_CLE_CLK clock period
40
ns
tCLKhigh
MCIF_ADDR1_CLE_CLK pulse high
tCLK/2-1
ns
MCIF_ADDR1_CLE_CLK
(output)
MCIF_OUT (output)
(1)
MCIF_IN (input)
(1)
tCLKhigh
tCLKlow
th
tsu
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com