Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 175 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 171Page - STMicroelectronics SPEAR1340 Datasheet HTML 172Page - STMicroelectronics SPEAR1340 Datasheet HTML 173Page - STMicroelectronics SPEAR1340 Datasheet HTML 174Page - STMicroelectronics SPEAR1340 Datasheet HTML 175Page - STMicroelectronics SPEAR1340 Datasheet HTML 176Page - STMicroelectronics SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
175/200
Figure 36.
MCIF - CF true IDE UDMA mode waveform
5.12
MPMC timing characteristics
This section describes the timing characteristics for the multiport DDR controller. The DDR
interface is designed to support the following standards:
DDR3-800 and DDR3-1066 standards, as defined in the JESD79-3E JEDEC standard.
All DDR2 standards: DDR2-1066, DDR2-800, DDR2-667, DDR2-533, DDR2-400.
Note:
For more information on JEDEC standards, refer to JEDEC Website: www.jedec.org.
This section provides the timing specifications for DDR3 and for DDR2.
For DDR3 the timing values reported below can been obtained only upon successfully
completing the procedure of leveling. Leveling is mandatory for the fly-by topology used for
SDRAM cuts on the PCB. The fly-by topology for the commands, addresses, control signals,
and clocks allows better signal integrity.
For DDR2 you have to use a T branch topology and you have to calibrate the board without
the support of the leveling.
The DDR PHY is an 8-clock sampling-based architecture. The eight clocks are equally
delayed across a clock period equal to the PHY’s core clock. The clocks are generated from
dedicated internal DLLs (dll_clocks).
Table 89.
TrueIDE Ultra DMA timing characteristics
Symbol
Item
Min
Max
Unit
tDH
Data hold time
(from STROBE
edge until data become invalid)
T
ns
tDS
Data setup time (
the time from data
valid until STROBE edge)
2*T
tCYC
Cycle time
(the time from STROBE
edge to STROBE edge)
>tDH+tDS=3*T
t2CYC
Two cycle times (
the time from
rising edge to next rising edge or
from falling edge to next falling
edge of STROBE)
2*tCYC>6*T
MCIF_DATA[15:0]
t2CYC
MCIF_nIORD_nRE
(STROBE)
tCYC
tCYC
tDH
tDH
tDH
tDS
tDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com