Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 178 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 174Page - STMicroelectronics SPEAR1340 Datasheet HTML 175Page - STMicroelectronics SPEAR1340 Datasheet HTML 176Page - STMicroelectronics SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 200 page
background image
Timing characteristics
SPEAr1340
178/200
Doc ID 023063 Rev 4
The setup time is calculated considering:
maximum error = 235 ps
maximum data skew = 30 ps
Ts calculation formula
Ts= Tclk/4–data_skew –max_error= 469 ps – 30 ps – 235 ps= 204 ps
The hold time, instead, is calculated considering:
maximum error = 0 ps
maximum data skew = 30 ps
Th calculation formula
Th= Tclk/4–data_skew + max_error= 469 ps – 30 ps + 0 ps= 439 ps
Figure 39.
DQS strobe and DQ/DM signals timing waveform
Read DQS and DQ timing characteristics
The DDR PHY is a sampling-based architecture; this means that the incoming DQS and DQ
signals are sampled by each of the eight dll_clocks. DM signals are not used for reading.
For DQS strobe, a pattern of “000111” is used to detect a rising edge and a pattern of
“111000” is used to detect a falling edge. The maximum error to detect these edges is 1/8
Tclk.
The incoming DQ data is sampled, then the sampled data is analyzed in a window of 4
sampled bits relative to detected DQS edges. The maximum skew, without the contribution
of the pads, between the DQ signals in a single data slice is about 20 ps.
For a frequency of 533.3 MHz, the period of the clock is TCLK= 1.875 ns.
Table 91.
DQ/DM signals timing characteristics
Symbol
Description
Value
Unit
TCLK
Mem_clk period
1.875
ns
Ts
Setup time for DQ/DM receive data
204
ps
Th
Hold time for DQ/DM receive data
439
ps
DQS
DQ/DM
Ideal position
Ts
Th
max
error
data skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com