Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 180 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 176Page - STMicroelectronics SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics SPEAR1340 Datasheet HTML 183Page - STMicroelectronics SPEAR1340 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 200 page
background image
Timing characteristics
SPEAr1340
180/200
Doc ID 023063 Rev 4
5.13
PWM timing characteristics
This section describes the timing characteristics of the four PWM generators.
The timing characterization is performed assuming an output load capacitance of 2 to 10 pF
on the four outputs.
5.14
SMI timing characteristics
This section describes the timing characteristics of the serial NOR Flash controller.
The timing characterization is performed assuming an output load capacitance of 10 pF on
all outputs, an input transition of 2ns on all the inputs and using PLL1 as source of the clock
for the timing extraction.
Figure 41.
SMI timing waveform
Table 93.
PWM timing characteristics
Symbol
Parameter
Min
Max
Unit
tw
Pulse width (T= programmed pulse width)
T− 2.2
T+ 2.2
ns
Table 94.
SMI timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
SMI_CLK clock period
24
–
ns
TCLKhigh SMI_CLK output pulse high
T/2 - 1
–
ns
TCLKlow SMI_CLK output pulse low
T/2 - 1
–
ns
TD
SMI_CLK out to SMI_DATAOUT output delay
0.81
9.65
ns
Ts
Setup time for SMI_DATAIN data
3.72
–
ns
Th
Hold time for SMI_DATAIN data
-6.46
–
ns
SMI_CLK
(output)
SMI_DATAOUT
TCLKhigh
TCLKlow
TD
Th
Ts
SMI_DATAIN
TCSf
SMI_CS0n,SMI_CS1n
TCSr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com