Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 182 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics SPEAR1340 Datasheet HTML 183Page - STMicroelectronics SPEAR1340 Datasheet HTML 184Page - STMicroelectronics SPEAR1340 Datasheet HTML 185Page - STMicroelectronics SPEAR1340 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 200 page
background image
Timing characteristics
SPEAr1340
182/200
Doc ID 023063 Rev 4
5.15.1
SPI master mode timings
SSP_SCK is the SPI output clock. The SSP_SCK frequency is programmable and derived
from PCLK, for details refer to the SSP section of the RM0078, Reference manual,
SPEAr1340 architecture and functionality.
Figure 43.
SPI master mode external timing waveform (SPH= 0, SPO =0 )
Table 95.
SPI master mode timing characteristics of SSP_SCK
Symbol
Parameters
Min
Max
Unit
TSSP_SCK
SSP_SCK clock period
48
Programmable
ns
TSSP_SCK(H)
SSP_SCK clock high
pulse width
(TSSP_SCK/2) - 1 (TSSP_SCK/2) + 1
TSSP_SCK(L)
SSP_SCK clock low
pulse width
(TSSP_SCK/2) - 1 (TSSP_SCK/2) + 1
Table 96.
SPI master mode timing characteristics (SPH = 0, SPO=0)
Symbol
Parameters
Min
Max
Unit
TSU
Setup time, MISO (input) valid before
SSP_SCK (output) rising edge
17
ns
TH
Hold time, MISO (input) valid after SSP_SCK
(output) rising edge
0
TD1
Delay time, SSP_SS#n (output) falling edge to
first SSP_SCK (output) rising edge
TSSP_SCK-8
TSSP_SCK-2
ns
TD2
Delay time, SSP_SCK (output) falling edge to
MOSI (output) transition
-4.64
12.4
ns
TD3
Delay time, SSP_SCK (output) rising edge to
SSP_SS#n (output) rising edge
TSSP_SCK + 2 TSSP_SCK +8
DATA
MSB IN
LSB IN
LSB OUT
DATA
MSB OUT
SSP_SS#n
SSP_SCK
(SPO=0)
SSP_MISO
(input)
SSP_MOSI
(output)
T
SU
T
H
T
D2
T
D1
T
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com