Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 184 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics SPEAR1340 Datasheet HTML 183Page - STMicroelectronics SPEAR1340 Datasheet HTML 184Page - STMicroelectronics SPEAR1340 Datasheet HTML 185Page - STMicroelectronics SPEAR1340 Datasheet HTML 186Page - STMicroelectronics SPEAR1340 Datasheet HTML 187Page - STMicroelectronics SPEAR1340 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 200 page
background image
Timing characteristics
SPEAr1340
184/200
Doc ID 023063 Rev 4
Figure 46.
SPI master mode external timing waveform (SPH = 1, SPO = 1)
5.15.2
SPI slave mode timings
Table 98.
SPI master mode timing characteristics (clock phase bit SPH = 1, SPO=0)
Symbol
Parameters
Min
Max
Unit
TSU
Setup time, MISO (input) valid before
SSP_SCK (output) falling edge
17.8
ns
TH
Hold time, MISO (input) valid after SSP_SCK
(output) falling edge
0
TD1
Delay time, SSP_SS#n (output) falling edge to
first SSP_SCK (output) falling edge
TSSP_SCK-8
TSSP_SCK-2
ns
TD2
Delay time, SSP_SCK (output) rising edge to
MOSI (output) transition
-3.8
12.5
ns
TD3
Delay time, SSP_SCK (output) falling edge to
SSP_SS#n (output) rising edge
TSSP_SCK + 2 TSSP_SCK +8
Table 99.
SPI master mode timing characteristics (clock phase bit SPH = 1, SPO=1)
Symbol
Parameters
Min
Max
Unit
TSU
Setup time, MISO (input) valid before
SSP_SCK (output) rising edge
17
ns
TH
Hold time, MISO (input) valid after SSP_SCK
(output) rising edge
0
TD1
Delay time, SSP_SS#n (output) falling edge to
first SSP_SCK (output) rising edge
TSSP_SCK-8
TSSP_SCK-2
ns
TD2
Delay time, SSP_SCK (output) falling edge to
MOSI (output) transition
-4.64
12.4
ns
TD3
Delay time, SSP_SCK (output) rising edge to
SSP_SS#n (output) rising edge
TSSP_SCK + 2 TSSP_SCK +8
DATA
MSB IN
LSB IN
LSB OUT
DATA
MSB OUT
SSP_SS#n
SSP_SCK
(SPO=1)
SSP_MISO
(input)
SSP_MOSI
(output)
T
SU
T
H
T
D1
T
D2
T
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com